Part Number Hot Search : 
103M1 59105LX EL2044CN BUP212 SP774BK FOD0720 BUT11A HT1380A
Product Description
Full Text Search
 

To Download IN5817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN5817 thru IN5819
MINIATURE SCHOTTKY BARRIER RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 20 TO 40 Volts CURRENT 1.0 Amperes
DO-41
FEATURES
Low switching noise Low forward voltage drop High current capability High switching capability High reliability High surge capability
MECHANICAL DATA
Case:Molded plastic Epoxy:UL 94V-0 rate flame retardant Lead:MIL-STD-202 method 208 quaranteed Mounting position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
Ratings Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" (9.5mm) lead length at TL=900C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method)TL=700C Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Storage and Operating Temperature Range
0
Symbol VRRM VRMS VDC IO
IN5817
20 14 20
IN5818
30 21 30 1.0
IN5819
40 28 40
UNITS
Volts Volts Volts Amps
IFSM R
JC
25 80 110 -65 to +125
Amps
0
C/W pF
0
CJ TSTG Symbol VF VF IR
C
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
Characteristics Maximum Instantaneous Forward Voltage at 1.0A DC Maximum Forward Voltage at 3.1A DC Maximum Average Reverse Current @TA=250C at Rated DC Blocking Voltage @TC=1000C
IN5817
.45 .75
IN5818
.55 .875 1.0 1.0
IN5819
.60 .90
UNITS
Volts Volts mAmps mAmps
Notes : 1. Thermal Resistance (Junction to Ambient ) : Vertical PC Board Mounting, 0.5" (12.7mm) Lead Length 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
IN5817 thru IN5819
MINIATURE SCHOTTKY BARRIER RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES IN5817 THRU IN5819
Fig.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
1N5817
Fig.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
1.0 .75 .50
1N5819
1.0
.25 0
SINGLE PHASE HALF WAVE 60 Hz RESISTIVE OR INDUCTIVE LOAD .375" (9.5mm) LEAD LENGTH
0 20 40 60 80 100 120
0
1N5818
TJ=250C
Pulse Width-300 s 1% DUTY CYCLE
0.1 .1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9
140
INSTANTANEOUS FORWARD VOLT AGE, (V)
LEAD TEMPERATURE, C
Fig.2 - TYPICAL FORWARD CHARACTERISTICS
PEAK FORWARD SURGE CURRENT AMPERES
Fig.4 - MAXIMUM NON-REPETITIVE SURGE CURRENT
30 25
8.3ms Single Half Sine Wave JEDEC Method
INSTANTANEOUS FORWARD CURRENT. AMPERES
20
0 TJ=125C
10
5 1
TJ=750C
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60 Hz
TJ=250C
400
Fig.5 - TYPICAL JUNCTION CAPACIT ANCE
JUNCTION CAPACITANCE, pF
20
40
60
80
100
120
200
TJ=250C
PERCENT OF RATED PEAK REVERSE VOLTAGE
100 80 60 40 20 10 .1 1.0 10 100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of IN5817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X